Part Number Hot Search : 
G2205 REEL7 DTA115G TPES10 CXA1034M 1E20UM TS3704I 2SJ181S
Product Description
Full Text Search
 

To Download MMSZ5221B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Surface mount zener diode
FEATURES
Planar die construction. 500mW power dissipation. General purpose, medium current.
Production specification
MMSZ5221B-MMSZ5260B
Pb
Lead-free
Ideally suited for automated assembly processes.
APPLICATIONS
Zener diode. Ultra-small surface mount package. SOD-123
ORDERING INFORMATION
Type No. MMSZ5221B-MMSZ5359B Marking See table 2 Package Code SOD-123
MAXIMUM RATING @ Ta=25 unless otherwise specified
Characteristic Forward Voltage Power Dissipation Thermal resistance,junction to ambient air Junction temperature Storage temperature range @ IF=10mA Symbol VF Pd RjA Tj Tstg Value 0.9 500 350 150 -65-150 Unit V mW /W
Notes: 1. Device mounted on ceramic PCB; 7.6 mm x 9.4 mm x 0.87 mm with pad areas 25 mm2. 2. Tested with pulses, Tp 1.0ms.
Document number: BL/SSZDA012 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Surface mount zener diode
Production specification
MMSZ5221B-MMSZ5260B
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Type Number Type Code Nom(V) MMSZ5221B MMSZ5223B MMSZ5225B MMSZ5226B MMSZ5227B MMSZ5228B MMSZ5229B MMSZ5230B MMSZ5231B MMSZ5232B MMSZ5233B MMSZ5234B MMSZ5235B MMSZ5236B MMSZ5237B MMSZ5238B MMSZ5239B MMSZ5240B MMSZ5241B MMSZ5242B MMSZ5243B MMSZ5245B MMSZ5246B MMSZ5248B MMSZ5250B MMSZ5251B MMSZ5252B MMSZ5254B MMSZ5255B MMSZ5256B MMSZ5257B MMSZ5258B MMSZ5259B MMSZ5260B C1 C3 C5 G1 G2 G3 G4 G5 E1 E2 E3 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H5 J1 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4 M5 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39 43 Zener Voltage Range Vz@IZT Min(V) 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 26.60 28.50 31.35 34.20 37.05 40.85 Max(V) 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 29.40 31.5 34.65 37.80 40.95 45.15 Test Current IZT mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2 3.0 30 30 30 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80 93 ZZT@IZT Maximum Zener Impedance ZZK@IZK=0.25mA 1200 1300 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 Maximum Reverse Leakage Current IR A 100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 @VR V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30 33
Document number: BL/SSZDA012 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Surface mount zener diode
Production specification
MMSZ5221B-MMSZ5260B
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
PACKAGE OUTLINE
Plastic surface mounted package SOD-123
K B
SOD-123
Dim
C
Min 1.4 2.55
Max 1.8 2.85
A B
A D H E J
C D E H J K
1.15 Typical 0.5 0.3 0.02 0.6 0.4 0.10
0.1 Typical 3.55 3.85
All Dimensions in mm
Document number: BL/SSZDA012 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
Surface mount zener diode
SOLDERING FOOTPRINT
Production specification
MMSZ5221B-MMSZ5260B
Unit : mm
PACKAGE
Device
INFORMATION
Package SOD-123 Shipping 3000/Tape&Reel
MMSZ5221B-MMSZ5260B
Document number: BL/SSZDA012 Rev.A
www.galaxycn.com 4


▲Up To Search▲   

 
Price & Availability of MMSZ5221B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X